Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILBBTADIOMUX-PANEL Datasheet (PDF) - PHOENIX CONTACT

No. de pieza ILBBTADIOMUX-PANEL
Descripción Electrónicos  Wireless MUX set, consisting of two modules with 16 digital and 2 analog inputs and outputs each (4-20 mA, 0-10 V), panel antennas with 1.0 m cable, maximum emitted transmission power of 20 dBm, approvals for countries, supply voltage 24 V DC
Tamaño del archivo   111.42 Kbytes
Html View  1   2   3   4   5   6 
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ILBBTADIOMUX-PANEL Datasheet (PDF) - PHOENIX CONTACT

Click to view in HTML datasheet.


Número de pieza similar - ILBBTADIOMUX-PANEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
ILBBTADIO2 PHOENIX-ILBBTADIO2 Datasheet
115Kb / 6P
   Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable
More results


Descripción similar - ILBBTADIOMUX-PANEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
PHOENIX CONTACT
2754309 PHOENIX-2754309 Datasheet
144Kb / 5P
   INTERBUS-ST analog input module, 4 inputs, 0 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2701040 PHOENIX-2701040 Datasheet
57Kb / 4P
   I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
2700838 PHOENIX-2700838 Datasheet
259Kb / 15P
   INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
2750594 PHOENIX-2750594 Datasheet
94Kb / 5P
   INTERBUS-ST analog input module, 4 inputs, 4 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
2726285 PHOENIX-2726285 Datasheet
185Kb / 6P
   Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
ILBBTADIO2 PHOENIX-ILBBTADIO2 Datasheet
115Kb / 6P
   Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable
logo
Schneider Electric
RMCN22BD SCHNEIDER-RMCN22BD Datasheet
131Kb / 6P
   Harmony Analog, Isolated analog converter, 0... 10 V or 4...20 mA to 0...10 V or 4...20 mA
logo
BELIMO AIRCONTROLS (USA...
LHX24-SR-200 BELIMO-LHX24-SR-200 Datasheet
460Kb / 2P
   Modulating, Non-Spring return, Linear, 24 V, for DC 2...10 V and 4...20 mA
LHB24-SR-200 BELIMO-LHB24-SR-200 Datasheet
460Kb / 2P
   Modulating, Non-Spring return, Linear, 24 V, for DC 2...10 V and 4...20 mA
More results

Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com